PART |
Description |
Maker |
43650-0403 43650-0704 |
Multipole Connector; Number of Contacts:4; Pitch Spacing:3mm; Number of Rows:1; Gender:Header; Series:43650; Body Material:LCP Liquid Crystal Polymer, Glass-filled; Connecting Termination:Thru-Hole POWER CONNECTOR CONN HEADER 7POS 3MM RT ANG AU
|
Molex, Inc. MOLEX INC
|
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
39-29-0123 39-29-6208 39-31-0048 39-31-0107 39-31- |
Multipole Connector; Number of Contacts:12; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Gold 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:20; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:8; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:20; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Tin 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER New Mini Fit Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-22B 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
90120-0129 90120-0138 90120-0121 90120-0767 90120- |
Header; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 18kt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 1Ckt 1 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:40; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS .100 STR TIN 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Au-F 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
39355-0016 |
Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6
|
Molex
|
SM8220P SM8221 SM8220 SM8221P SM8221S SM8220S |
CALLER NUMBER ID CIRCUIT,CMOS,DIP,16PIN,PLASTIC From old datasheet system Calling Number Identification Receiver IC
|
NPC[Nippon Precision Circuits Inc] http://
|
09-50-3151 09-50-3221 09-50-3241 09-50-3091 09-50- |
Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.156 Pitch,POLARIZED LCK 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.156 Pitch,POLARIZED LCK 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,24 Contacts,SKT,0.156 Pitch,POLARIZED LCK 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:9; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:3; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 20Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg O/Ramp Nylon 7Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.156 Pitch,POLARIZED LCK 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 14Ckt 156 KK Term Hsg W/Ramp Nylon 9Ckt 156 KK Term Hsg O/Ramp Nylon 10Ckt
|
Molex, Inc. MOLEX INC
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
MPC7455RXNXPNS |
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series part number spec
|
Motorola
|
EP731105 EP7311-CB-90 EP7311-CR-90 EP7311-IB-90 EP |
High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface Embedded Processors IC Ultra Low PWR Hi Perf SOC w/LCD 32-BIT, 90 MHz, RISC MICROCONTROLLER, PBGA256 32-Bit Microcontroller IC; Controller Family/Series:(ARM7); Memory Size, SRAM:48KB; Number of I/O Pins:27; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 0; Number of PWM Channels:2; Clock Speed:74MHz; Interfaces:SSI, UART
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
|